Part Number Hot Search : 
TS934IPT 2C100 2C100 RX0524S PA0168 FBR606 2C100 LD1580K5
Product Description
Full Text Search
 

To Download S6010DS2RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series sxx10xsx & sxx10x series description excellent unidirectional switches for phase control and general switching applications such as heating and motor speed controls. sensitive gate scrs are easily triggered with microamps of current as furnished by sense coils, proximity switches, and microprocessors. standard phase control scrs are triggered with few milliamperes of current at less than 1.5v potential. features & benefts ? rohs compliant ? glass C passivated junctions ? voltage capability up to 1000 v ? surge capability up to 10 0 a main features symbol value unit i t(rms) 10 a v drm /v rrm 400 to 1000 v i gt 0.2 to 15 ma schematic symbol agency approval agency agency file number ? to-220l package : e71639 applications typical applications are capacitive discharge systems for strobe lights, nailers, staplers and gas engine ignition. also controls for power tools, home/brown goods and white goods appliances. internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. ak g ?
2 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series absolute maximum ratings standard scrs symbol parameter test conditions value unit i t(rms) rms on-state current sxx10l t c = 95c 10 a sxx10r sxx10d sxx10v t c = 105c i t(av) average on-state current sxx10l t c = 95c 6.4 a sxx10r sxx10d sxx10v t c = 105c i tsm peak non-repetitive surge current single half cycle; f = 50hz; t j (initial) = 25c 83 a single half cycle; f = 60hz; t j (initial) = 25c 100 i 2 t i 2 t value for fusing t p = 8.3 ms 41 a 2 s di/dt critical rate-of-rise of on-state current f = 60 hz t j = 125c 100 a/s i gm peak gate current t j = 125c 2 a p g(av) average gate power dissipation t j = 125c 0.5 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c note: xx = voltage absolute maximum ratings sensitive scrs symbol parameter test conditions value unit i t(rms) rms on-state current sxx10lsy t c = 80c 10 a sxx10rsy sxx10dsy sxx10vsy t c = 95c i t(av) average on-state current sxx10lsy t c = 80c 6.4 a sxx10rsy sxx10dsy sxx10vsy t c = 95c i tsm peak non-repetitive surge current single half cycle; f = 50hz; t j (initial) = 25c 83 a single half cycle; f = 60hz; t j (initial) = 25c 100 i 2 t i 2 t value for fusing t p = 8.3 ms 41 a 2 s di/dt critical rate of rise of on-state current f = 60 hz ; t j = 110c 100 a/s i gm peak gate current t j = 110c 1 a p g(av) average gate power dissipation t j = 110c 0.1 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 110 c note: xx = voltage, y = sensitivity
3 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series electrical characteristics (t j = 25c, unless otherwise specifed) C sensitive scrs symbol test conditions value unit sxx10xs2 sxx10xs3 i gt v d = 6v r l = 100 max. 200 500 a v gt max. 0.8 v dv/dt v d = v drm ; r gk = 1k ; t j = 110c typ. 8 v/s v gd v d = v drm ; r l = 3.3 k ; t j = 110c min. 0.2 v v grm i gr = 10a min. 6 v i h i t = 20ma (initial) max. 6 8 ma t q (1) max. 50 45 s t gt i g = 2 x i gt ; pw = 15s; i t = 12a typ. 4 5 s note: xx = voltage, x = package (1) i t =2a; t p =50s; dv/dt=5v/s; di/dt=-30a/s symbol test conditions value unit sxx10x i gt v d = 12v r l = 60 max. 15 ma v gt max. 1. 5 v dv/dt v d = v drm ; gate open; t j = 100c 400v min. 350 v/s 600v 300 800v 250 1000v 100 v d = v drm ; gate open; t j = 125c 400v 250 600v 225 800v 200 v gd v d = v drm ; r l = 3.3 k ; t j = 125c min. 0.2 v i h i t = 200ma (initial) max. 30 ma t q (1) max. 35 s t gt i g = 2 x i gt ; pw = 15s; i t = 20a typ. 2 s note: xx = voltage, x = package (1) i t =2a; t p =50s; dv/dt=5v/s; di/dt=-30a/s electrical characteristics (t j = 25c, unless otherwise specifed) C standard scrs static characteristics symbol test conditions value unit v tm i t = 20a; t p = 380 s max. 1. 6 v i drm / i rrm v drm / v rrm sxx10xyy t j = 25c 400 - 600v max. 5 a t j = 110c 400 - 600v 250 sxx10x t j = 25c 400 - 800v 10 1000v 20 t j = 100c 400 - 800v 200 1000v 3000 t j = 125c 400 - 800v 500 note: xx = voltage, x = package, yy = sensitivity
4 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series thermal resistances symbol parameter value unit r (j-c) junction to case (ac) sxx10rsy 1. 6 c/w sxx10lsy 3.0 sxx10vsy 1. 7 sxx10dsy 1.45 sxx10r 1. 6 sxx10l 3.0 sxx10v 1. 7 sxx10d 1.45 r (j-a) junction to ambient sxx10rsy 40 c/w sxx10lsy 65 sxx10vsy 85 sxx10r 40 sxx10l 50 sxx10v 70 note: xx = voltage, y = sensitivity figure 1: normalized dc gate t rigger current vs. junction temperature (sensitive scr) figure 2: normalized dc gate t rigger current vs. junction temperature (standard scr) 0. 0 1. 0 2. 0 3. 0 4. 0 -4 0- 15 10 35 60 85 110 junction t empera tu re (t j ) -- (c) ratio of i gt / i gt (t j = 25c) 12 5 0.0 1. 0 2.0 3.0 4.0 -40 -1 51 03 56 08 51 10 junction t empera tu re (t j ) -- (c) ratio of i gt / i gt (t j = 25c)
5 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series 12 5 0. 0 0. 5 1. 0 1. 5 2. 0 -4 0- 15 10 35 60 85 11 0 junction te mperatur e (t j ) -- (c) ratio of i h / i h (t j = 25c) 12 5 0.0 0.5 1. 0 1. 5 2.0 -40 -1 51 03 56 08 51 10 junction t emperatur e (t j ) -- (c) ratio of v gt / v gt (t j = 25c) 0 4 8 12 16 20 24 28 32 0.7 0.8 0.9 1. 01 .1 1. 21 .3 1. 41 .5 1. 6 instantaneous on-state current (i t ) ? amps instantaneous on-state voltage (v t ) ? volts t j = 25oc 0 1 2 3 4 5 6 7 8 9 10 01234567 89 10 rms on-state current [i t(rms) ] -- (amps) av erage on-state p ower dissipation [p d(av) ] -- (watts) figure 5: on-state current vs. on-stat e voltage (typical) figure 6: power dissipation (typical) vs. rms on-state current figure 3: normalized dc gate t rigger voltage vs. junction temperature figure 4: normalized dc holding current vs. junction temperature figure 7: maximum allowable case t emperature vs. rms on-state current figure 8: maximum allowable case t emperature vs. average on-state current 70 75 80 85 90 95 10 0 10 5 11 0 11 5 12 0 12 5 13 0 0123456789 10 11 rms on-state cur re nt [i t(rms) ] - amps sxx10r sy sxx10dsy sxx10vsy sxx10l sx x10l sy sxx10r sxx10d sxx10v current wa veform: sinusoidal lo ad: resistive or inductive conduction angle: 180 free air rating maximum all owable case t emperature (t c ) - c 70 75 80 85 90 95 10 0 10 5 11 0 11 5 12 0 12 5 13 0 012345 67 sxx10lsy sxx10r sy sxx10dsy sxx10vsy sxx10r sxx10d sxx10v current wa veform: sinusoidal lo ad: resistive or inductive conduction angle: 180 free air rating maximum all owable case t emperature (t c ) - c av erage on-state current [i t(av e) ] - amps sxx10l
6 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series figure 11: peak capacitor discharge curr ent figure 12: peak capacitor discharge curr ent derating figure 9: maximum allowable ambient temperatur e vs. rms on-state current figure 10: maximum allowable ambient temperatur e vs. average on-state current note: xx = voltage, y = sensitivity 0 20 40 60 80 10 0 12 0 0.0 0.5 1. 01 .5 av erage on-state cu rr ent [i t(av e) ] - amps maximum all ow able ambient te mperature (t a ) - c sxx10r sy sxx10lsy sxx10vsy sxx10r sxx10l sxx10v current wa veform: sinusoidal lo ad: resistive or inducti ve conduction angle: 18 0 free air ra ting 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 25 50 75 100 12 5 150 normalized peak current sensitive scr case temperature (t c ) - c standard scr 10 10 0 1 000 0.5 1. 01 0.0 50.0 pulse current duration (t w ) - ms peak dischar ge curr ent (i tm ) - amps i trm t w 0 20 40 60 80 100 120 0. 00 .5 1. 01 .5 2. 02 .5 av erage on-state cu rr ent [i t(rms) ] - amps current wa v eform: sinusoidal lo ad: resistiv e or inductiv e conduction angle : 180 free air ra ting sxx10r sxx10l sxx10v sxx10r sy sxx10l sy sxx10v sy maximum all ow able case temperature (t c ) - c 1 10 10 0 1 000 11 01 00 1 000 peak sur ge (non-repetitive) on-state current (i tsm ) ? amps sur ge current duration -- full cycles figure 13: surge peak on-state current vs. number of cycles 4611-:3&26&/:)4jovtpjebm load: resistive rms on-state current: [i t(rms) ]: maximum rated value at specifed case temperature notes: (bfdpospmnbcfmptevsjoboejnnfejbfm following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value.
7 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series soldering parameters refow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 180 secs average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max refow - temperature (t l ) (liquidus) 217c - temperature (t l ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c ti me temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p r e h eat ramp-up ramp-up ramp-down r am p - do physical specifcations environmental specifcations test specifcations and conditions ac blocking mil-std-750, m-1040, cond a applied peak ac voltage @ 125c for 1008 hours temperature cycling mil-std-750, m-1051, 100 cycles; -40c to +150c; 15-min dwell-time temperature/ humidity eia / jedec, jesd22-a101 1008 hours; 320v - dc: 85c; 85% rel humidity high temp storage mil-std-750, m-1031, 1008 hours; 150c low-temp storage 1008 hours; -40c thermal shock mil-std-750, m-1056 10 cycles; 0c to 100c; 5-min dwell- time at each temperature; 10 sec (max) transfer time between temperature autoclave eia / jedec, jesd22-a102 168 hours (121c at 2 atms) and 100% r/h resistance to solder heat mil-std-750 method 2031 solderability ansi/j-std-002, category 3, test a lead bend mil-std-750, m-2036 cond e terminal finish 100% matte tin-plated body material ul recognized epoxy meeting fammability classifcation 94v-0 lead material copper alloy design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way toward extending the operating life of the thyristor. good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage.
8 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series product selector part number voltage gate sensitivity type package 400v 600v 800v 1000v sxx10rs2 x x 0.2ma sensitive scr to-220r sxx10ls2 x x 0.2ma sensitive scr to-220l sxx10vs2 x x 0.2ma sensitive scr to-251 sxx10ds2 x x 0.2ma sensitive scr to-252 sxx10rs3 x x 0.5ma sensitive scr to-220r sxx10ls3 x x 0.5ma sensitive scr to-220l sxx10vs3 x x 0.5ma sensitive scr to-251 sxx10ds3 x x 0.5ma sensitive scr to-252 sxx10r x x x x 15ma standard scr to-220r sxx10l x x x x 15ma standard scr to-220l sxx10v x x x x 15ma standard scr to-251 sxx10d x x x x 15ma standard scr to-252 note: xx = voltage dimensions to-251aa (v/i-package) v/i-pak through hole dimension inches millimeters min typ max min typ max a 0.040 0.044 0.050 1.02 1. 11 1.27 b 0.235 0.242 0.245 5.97 6.15 6.22 c 0.350 0.361 0.375 8.89 9.18 9.53 d 0.205 0.208 0.213 5.21 5.29 5.41 e 0.255 0.262 0.265 6.48 6.66 6.73 f 0.027 0.031 0.033 0.69 0.80 0.84 g 0.087 0.090 0.093 2.21 2.28 2.36 h 0.085 0.092 0.095 2.16 2.34 2.41 i 0.176 0.180 0.184 4.47 4.57 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044 0.97 1. 01 1. 12 l 0.018 0.020 0.023 0.46 0.52 0.58 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034 0.039 0.044 0.86 1. 0 0 1. 11 r 0.034 0.039 0.044 0.86 1. 0 0 1. 11 s 0.074 0.079 0.084 1.86 2.00 2.11 area: 0.040 in 2 t c measuring point gate g i e d a b c f j h k l 5.28 .208 5.34 .210 anode cathode anode p q r s
9 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series dimensions to-252aa (d-package) d-pak surface mount dimension inches millimeters min ty p max min ty p max a 0.040 0.043 0.050 1.02 1.09 1.27 b 0.235 0.243 0.245 5.97 6.16 6.22 c 0.106 0.108 0.113 2.69 2.74 2.87 d 0.205 0.208 0.213 5.21 5.29 5.41 e 0.255 0.262 0.265 6.48 6.65 6.73 f 0.027 0.031 0.033 0.69 0.80 0.84 g 0.087 0.090 0.093 2.21 2.28 2.36 h 0.085 0.092 0.095 2.16 2.33 2.41 i 0.176 0.179 0.184 4.47 4.55 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044 0.97 1.02 1. 12 l 0.018 0.020 0.023 0.46 0.51 0.58 m 0.000 0.000 0.004 0.00 0.00 0.10 n 0.021 0.026 0.027 0.53 0.67 0.69 o 0 0 5 0 0 5 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034 0.039 0.044 0.86 1. 0 0 1. 11 m o n h j l k .1 18 3 .063 1.60 .071 1.80 .264 6.71 .264 6.71 .181 4.60 gate anode cathode anode t c measuring point g i d e a b c f 5.28 .208 5.34 .210 : 0.040 in 2 area p q
10 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series dimensions to-220ab (r-package) non-isolated mounting tab common with center lead dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1. 14 1.52 r 0.038 0.048 0.97 1.22 k j a h g b f e c d l r t c measuring point anode o p n m .276 7. 01 .526 13.36 .320 8.13 area (ref.) 0.17 in 2 notch in gate lead to id. non-isolated ta b gate cathode anode dimensions to-220ab (l-package) isolated mounting tab dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1. 14 1.52 r 0.038 0.048 0.97 1.22 a h g b f e c d l r t c measuring point area (ref.) 0.17 in 2 o p n m .320 8.13 .526 13.36 .276 7. 01 k j gate cathode anode note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm). note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm).
11 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 10 amp sensitive & standard scrs sxx10xsx & sxx10x series packing options part number marking weight packing mode base quantity sxx10l/ryy sxx10l/ryy 2.2 g bulk 500 sxx10l/ryytp sxx10l/ryy 2.2 g tube 500 (50 per tube) sxx10dyytp sxx10dyy 0.3 g tube 750 (75 per tube) sxx10dyyrp sxx10dyy 0.3 g embossed carrier 2500 sxx10vyytp sxx10vyy 0.4 g tube 750 (75 per tube) sxx10l/r sxx10l/r 2.2 g bulk 500 sxx10l/rtp sxx10l/r 2.2 g tube 500 (50 per tube) sxx10dtp sxx10d 0.3 g tube 750 (75 per tube) sxx10drp sxx10d 0.3 g embossed carrier 2500 sxx10vtp sxx10v 0.4 g tube 750 (75 per tube) note: xx = voltage; yy = sensitivity 0.512 (13.0) arbor hole dia. dc xxxxxx xxxxxx dc xxxxxx dc xxxxxx xx xx xx gate cathode anode 0.63 (16.0) 0.157 (4.0) 0.64 (16.3) 12.99 (330.0) 0.524 (13.3) 0.315 (8.0) 0.059 dia (1.5) * * cover tape direction of feed dimensions are in inches (and millimeters). to-252 embossed carrier reel pack (rp) specifcations meets all eia-481-2 standards part numbering system part marking system current 10: 10a sensitivity & type sensitive scr: s2: 200a standard scr: (blank): 15ma package type l: to-220 isolated r : to-220 non-isolated v: to-251 (vpak) d: to-252 (dpak) voltage rating 40 : 400v 60 : 600v 80 : 800v k0 : 1000v lead form dimensions xx : lead form option s 60 10 l s2 56 device type s : scr s3: 500a sxx10ds3 ymldd to-252aa ?( d packag e) to-251aa ?( v package ) ? ? ? my m y sxx10 r sxx10 l


▲Up To Search▲   

 
Price & Availability of S6010DS2RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X